| Moteur de recherche de fiches techniques de composants électroniques |
|
PM4100APD Fiches technique(PDF) 6 Page - Sames |
|
|
|||||||||||||||||||||||||||||
PM4100APD Fiches technique(HTML) 6 Page - Sames |
|
6 / 14 page ![]() 6/14 http://www.sames.co.za sames sames PM4100APD SA2102D Name J7 J8 J9 J10 J11 J12 J13 J14, J15 J17, J18, J19 J20 J21 J23 J25 State A A A A: Setting to A and J20 to + enables the FAST output mode. Leaving J10 and J20 open disables FAST mode and enables standard mode. B B A B. Connect if a stepper motor or counter is to be connected. Rated conditions select ( ). Please refer to the SA2102D datasheet for further information. For Fast mode, any combination except all to +. For different normal mode settings, refer to the SA2102D datasheet. Note: On module + = VDD and - = VSS “+” : FAST mode enabled. “-” or OPEN: Standard mode enabled. Also see J10. CLOSED: Inserting the jumper enables the pulse stability circuitry. OPEN: Leaving it open disables the pulse stability circuitry. “-” A J17 for R0, J18 for R1, J19 for R2 J4 J5 A B Bi-Directional Energy Measurement Uni-Directional Energy Measurement Forward J3 J4 J5 Reverse J3 J4 J5 + A A - A A Table 7: Jumper options for SA2102D SA4102A Name J7 J8 J9 J10 J11 J12 J13 J14, J15 J17, J18, J19, J21, J20 J23 J25 State A A A A B B A Set to B to enable stepper motor or counter connectors (CON 4 and CON 5) Rated conditions select (J17 for R0, J18 for R1, J19 for R2, J21 for R3). Please refer to the SA4102 datasheet for further information. Fms (see datasheet). Leave J20 open for fast pulse output. Filter output select. Set to + for Averaging filter. Set to - for Filtered instantaneous output. A J4 J5 Bi-Directional Energy Measurement A B Uni-Directional Energy Measurement Forward J3 J4 J5 Reverse J3 J4 J5 Table 8: Jumper options for SA4102A + A A - A A |