Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS8MA2 Fiches technique(PDF) 9 Page - Rohm

No de pièce HS8MA2
Description  30V PchNch Power MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

HS8MA2 Fiches technique(HTML) 9 Page - Rohm

Back Button HS8MA2 Datasheet HTML 5Page - Rohm HS8MA2 Datasheet HTML 6Page - Rohm HS8MA2 Datasheet HTML 7Page - Rohm HS8MA2 Datasheet HTML 8Page - Rohm HS8MA2 Datasheet HTML 9Page - Rohm HS8MA2 Datasheet HTML 10Page - Rohm HS8MA2 Datasheet HTML 11Page - Rohm HS8MA2 Datasheet HTML 12Page - Rohm HS8MA2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
HS8MA2
           
               
Datasheet
l
lElectrical characteristic curves <Tr1>
Fig.14 Static Drain - Source On - State
     Resistance vs. Drain Current (I)
Fig.15 Static Drain - Source On - State
     Resistance vs. Drain Current (II)
Fig.16 Static Drain - Source On - State
     Resistance vs. Drain Current (III)
                                                                                           
www.rohm.com
© 2019 ROHM Co., Ltd. All rights reserved.
9/19
20191011 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20