Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7293C3M1 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce ST7293C3M1
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3M1 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button ST7293C3M1 Datasheet HTML 13Page - STMicroelectronics ST7293C3M1 Datasheet HTML 14Page - STMicroelectronics ST7293C3M1 Datasheet HTML 15Page - STMicroelectronics ST7293C3M1 Datasheet HTML 16Page - STMicroelectronics ST7293C3M1 Datasheet HTML 17Page - STMicroelectronics ST7293C3M1 Datasheet HTML 18Page - STMicroelectronics ST7293C3M1 Datasheet HTML 19Page - STMicroelectronics ST7293C3M1 Datasheet HTML 20Page - STMicroelectronics ST7293C3M1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
17/69
ST7294
INTERRUPTS (Continued)
Table 6. Interrupt and Reset Priorities
Figure 12. Timing Diagram for the Interrupt Line
Vector Address
Interrupt Source
Masked by
Priority
1FFEh,1FFFh
1FFCh,1FFDh
1FFAh,1FFBh
1FF8h,1FF9h
1FF6h,1FF7h
1FF4h,1FF5h
1FF2h,1FF3h
1FF0h,1FF1h
RESET and POWER-ON (POR)
SOFT WARE Interrupt (TRAP)
EXTERNAL Interrupt (INT)
TIMER INPUT Capture
TIMER OUTPUT Compares (1 and 2)
TIMER OVERFLOW
Reserved
PORT C Wake-up
none
none
I-Bit
I-Bit
I-Bit
I-Bit
I-Bit
I-Bit
Highest
Lowest
ILIH
ILIL
t
t
t
ILIH
VR00079
WKP (MCU)
WKP 1
WKP n
WKP
Normally Used With
Wire-ORed Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69