Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7LUS5 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 45Page - STMicroelectronics ST7LUS5 Datasheet HTML 46Page - STMicroelectronics ST7LUS5 Datasheet HTML 47Page - STMicroelectronics ST7LUS5 Datasheet HTML 48Page - STMicroelectronics ST7LUS5 Datasheet HTML 49Page - STMicroelectronics ST7LUS5 Datasheet HTML 50Page - STMicroelectronics ST7LUS5 Datasheet HTML 51Page - STMicroelectronics ST7LUS5 Datasheet HTML 52Page - STMicroelectronics ST7LUS5 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Power saving modes
49/124
The compatibility of Watchdog operation with Halt mode is configured by the “WDGHALT”
option bit of the option byte. The HALT instruction when executed while the Watchdog
system is enabled, can generate a Watchdog RESET (see Section 14.1 on page 114 for
more details).
Figure 21.
HALT timing overview
1.
A reset pulse of at least 42µs must be applied when exiting from Halt mode.
HALT
RUN
RUN
64 CPU CYCLE
DELAY
RESET(1)
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR
[Active Halt disabled]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More