| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC58NG80C3 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NG80C3 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 139 page ![]() Electrical characteristics SPC584Gx, SPC58EGx, SPC58NGx 32/139 DS11758 Rev 6 Table 13. WEAK/SLOW I/O output characteristics Symbol C Parameter Conditions Value Unit Min Typ Max Vol_W CC D Output low voltage for Weak type PADs Iol =0.5 mA VDD =5.0 V ± 10% VDD =3.3 V ± 10% — — 0.1*VDD V Voh_W CC D Output high voltage for Weak type PADs Ioh=0.5mA VDD =5.0 V ± 10% VDD =3.3 V ± 10% 0.9*VDD —— V R_W CC P Output impedance for Weak type PADs VDD = 5.0 V ± 10% 380 — 1040 Ω VDD = 3.3 V ± 10% 250 — 700 Fmax_W CC T Maximum output frequency for Weak type PADs CL = 25 pF VDD =5.0 V ± 10% VDD =3.3 V ± 10% —— 2 MHz CL = 50 pF VDD =5.0 V ± 10% VDD = 3.3 V ± 10 % —— 1 MHz tTR_W CC T Transition time output pin weak configuration, 10%-90% CL = 25 pF VDD = 5.0 V + 10% VDD = 3.3 V + 10% 25 — 120 ns CL = 50 pF VDD =5.0 V ± 10 % VDD =3.3 V ± 10 % 50 — 240 ns |tSKEW_W| CC T Difference between rise and fall time, 90%-10% —— — 25 % IDCMAX_W CC D Maximum DC current VDD =5.0 V ± 10% VDD =3.3 V ± 10% —— 0.5 mA Table 14. MEDIUM I/O output characteristics Symbol C Parameter Conditions Value Unit Min Typ Max Vol_M CC D Output low voltage for Medium type PADs Iol =2.0 mA VDD =5.0 V ± 10 % VDD =3.3 V ± 10 % — — 0.1*VDD V Voh_M CC D Output high voltage for Medium type PADs Ioh=2.0 mA VDD =5.0 V ± 10% VDD =3.3 V ± 10% 0.9*VDD —— V |