| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC584G80 Fiches technique(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584G80 Fiches technique(HTML) 94 Page - STMicroelectronics |
|
94 / 139 page ![]() Electrical characteristics SPC584Gx, SPC58EGx, SPC58NGx 94/139 DS11758 Rev 6 Figure 31. DSPI slave mode — modified transfer format timing (MFTE=0/1) CPHA =0 Figure 32. DSPI slave mode — modified transfer format timing (MFTE = 0/1) CPHA = 1 4.17.3 Ethernet timing The Ethernet provides both MII and RMII interfaces. The MII and RMII signals can be configured for either CMOS or TTL signal levels compatible with devices operating at either 5.0 V or 3.3 V. Please check the device pinout details to review the packages supporting MII and RMII. Last Data First Data Data Data SIN SOUT SS SCK Input First Data Last Data SCK Input (CPOL = 0) (CPOL = 1) tSCK tA tDIS tSDC tSDC tCSC tASC tSUI tHI tSUO tHO Last Data Last Data SIN SOUT SS First Data First Data Data Data SCK Input SCK Input (CPOL = 0) (CPOL = 1) tA tDIS tSUI tHI tSUO tHO |