| Moteur de recherche de fiches techniques de composants électroniques |
|
SMA4F15A Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMA4F15A Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 14 page ![]() Table 2. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified) Type IRM max at VRM VBR at IR(1) 10 / 1000 µs 8 / 20 µs αT VCL(2)(3) IPP(4) RD VCL(2)(3) IPP(4) RD 25 °C 85 °C Min. Typ. Max. Max. Max. Max. Max. Max. µA V V mA V A Ω V A Ω 10-4/°C SMA4F5.0A 20 50 5.0 6.4 6.74 7.1 10 9.2 43.5 0.048 13.4 174 0.036 5.7 SMA4F6.0A 20 50 6.0 6.7 7.05 7.4 10 10.3 38.8 0.075 13.7 170 0.037 5.9 SMA4F6.5A 20 50 6.5 7.2 7.58 8 10 11.2 35.7 0.09 14.5 160 0.041 6.1 SMA4F8.5A 20 50 8.5 9.4 9.9 10.4 1 14.4 27.7 0.144 19.5 124 0.073 7.3 SMA4F10A 0.2 1 10 11.1 11.7 12.3 1 17 23.5 0.2 21.7 106 0.089 7.8 SMA4F11A 0.2 1 11 12.3 13 13.7 1 18 21.8 0.216 24.2 96 0.11 8.1 SMA4F12A 0.2 1 12 13.3 14 14.7 1 19.9 20.1 0.259 25.3 91 0.116 8.3 SMA4F13A 0.2 1 13 14.4 15.2 16 1 21.5 18.6 0.296 27.2 85 0.132 8.4 SMA4F14A 0.2 1 14 15.7 16.5 17.3 1 23.1 17.2 0.337 29 79 0.148 8.6 SMA4F15A 0.2 1 15 16.7 17.6 18.5 1 24.4 16.4 0.36 32.5 71 0.197 8.8 SMA4F16A 0.2 1 16 17.9 18.8 19.8 1 26 15.4 0.403 34.7 67 0.222 9.0 SMA4F18A 0.2 1 18 20 21.1 22.2 1 29.2 13.7 0.511 39.3 59 0.29 9.2 SMA4F20A 0.2 1 20 22.2 23.4 24.6 1 32.4 12.3 0.634 42.8 54 0.337 9.4 SMA4F22A 0.2 1 22 24.4 25.7 27 1 35.5 11.2 0.759 48.3 48 0.444 9.6 SMA4F23A 0.2 1 23 25.7 27 28.4 1 37.8 10.6 0.888 49.2 47 0.444 9.6 SMA4F24A 0.2 1 24 26.7 28.1 29.5 1 38.9 10.3 0.913 50 46 0.446 9.6 SMA4F26A 0.2 1 26 28.9 30.4 31.9 1 42.1 9.5 1.07 53.5 43 0.502 9.7 SMA4F28A 0.2 1 28 31.1 32.7 34.3 1 45.4 8.8 1.26 59 39 0.633 9.8 SMA4F30A 0.2 1 30 33.2 35 36.8 1 48.4 8.3 1.39 64.3 36 0.761 9.9 SMA4F31A 0.2 1 31 34.2 36 37.8 1 50.2 8 1.56 65 35 0.77 9.9 SMA4F33A 0.2 1 33 36.7 38.6 40.5 1 53.3 7.5 1.71 69.7 33 0.885 10 SMA4F36A 0.2 1 36 40 42.1 44.2 1 58.1 6.9 2.01 76 30 1.06 10 SMA4F40A 0.2 1 40 44.4 46.7 49 1 64.5 6.2 2.5 84 27 1.3 10.1 SMA4F48A 0.2 1 48 53.2 56 58.8 1 77.4 5.2 3.56 100 23 1.79 10.3 SMA4F58A 0.2 1 58 64.6 68 71.4 1 93.6 4.3 5.21 121 19 2.62 10.4 SMA4F64A 0.2 1 64 71.1 74.8 78.6 1 103 3.9 6.25 134 17 3.25 10.5 SMA4F70A 0.2 1 70 77.9 82 86.1 1 113 3.5 7.71 146 16 3.75 10.5 SMA4F85A 0.2 1 85 95 100 105 1 137 2.9 11.4 178 13 5.69 10.6 SMA4F100A 0.2 1 100 111 117 123 1 162 2.5 15.6 212 11 8.09 10.7 SMA4F130A 0.2 1 130 144 152 160 1 209 1.9 25.8 265 9 11.7 10.8 SMA4F154A 0.2 1 154 171 180 189 1 246 1.6 35.6 317 7 18.3 10.8 SMA4F170A 0.2 1 170 190 200 210 1 275 1.4 47 353 6.5 22.2 10.8 SMA4F188A 0.2 1 188 209 220 231 1 328 1.4 69.3 388 6 26.2 10.8 1. To calculate VBR versus Tj: VBR at TJ = VBR at 25 °C x (1 + αT x (Tj - 25)) 2. To calculate VCL versus Tj: VCL at TJ = VCL at 25 °C x (1 + αT x (Tj - 25)) 3. To calculate VCLmax versus IPPappli: VCLmax = VBR max + RD x IPPappli SMA4FxxA Characteristics DS12542 - Rev 4 page 3/13 |