Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SOC3810HRTW Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce SOC3810HRTW
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC3810HRTW Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button SOC3810HRTW Datasheet HTML 3Page - STMicroelectronics SOC3810HRTW Datasheet HTML 4Page - STMicroelectronics SOC3810HRTW Datasheet HTML 5Page - STMicroelectronics SOC3810HRTW Datasheet HTML 6Page - STMicroelectronics SOC3810HRTW Datasheet HTML 7Page - STMicroelectronics SOC3810HRTW Datasheet HTML 8Page - STMicroelectronics SOC3810HRTW Datasheet HTML 9Page - STMicroelectronics SOC3810HRTW Datasheet HTML 10Page - STMicroelectronics SOC3810HRTW Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2N3810HR
Package information
DS6098 - Rev 9
page 7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14