Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2ST1480 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce 2ST1480
Description  Complementary power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST1480 Fiches technique(HTML) 4 Page - STMicroelectronics

  2ST1480 Datasheet HTML 1Page - STMicroelectronics 2ST1480 Datasheet HTML 2Page - STMicroelectronics 2ST1480 Datasheet HTML 3Page - STMicroelectronics 2ST1480 Datasheet HTML 4Page - STMicroelectronics 2ST1480 Datasheet HTML 5Page - STMicroelectronics 2ST1480 Datasheet HTML 6Page - STMicroelectronics 2ST1480 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
2ST1480, 2ST2480
4/7
Doc ID 16380 Rev 1
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7