Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8521 Fiches technique(PDF) 45 Page - Sharp Corporation

No de pièce SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Fiches technique(HTML) 45 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 41Page - Sharp Corporation SM8521 Datasheet HTML 42Page - Sharp Corporation SM8521 Datasheet HTML 43Page - Sharp Corporation SM8521 Datasheet HTML 44Page - Sharp Corporation SM8521 Datasheet HTML 45Page - Sharp Corporation SM8521 Datasheet HTML 46Page - Sharp Corporation SM8521 Datasheet HTML 47Page - Sharp Corporation SM8521 Datasheet HTML 48Page - Sharp Corporation SM8521 Datasheet HTML 49Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
SM8521
- 45 -
MMU
The SM8521 supports an MMU used to external
memory area expansion.
Memory area 1000H-9FFFH, can be expanded to
2M-byte in each 8k-byte unit.
MMUx is selected depends on CPU address.
NOTE :
CPU can not access lower 4 k-byte of MMU0 because of
occupied by internal RAM and register file. On the other
hand, each 8 k-byte of external ROM is accessible as
DMA's address.
7
15
12
13
0
MMU0 (0000H-1FFFH)
CPU address
MMU1 (2000H-3FFFH)
MMU2 (4000H-5FFFH)
MMU3 (6000H-7FFFH)
0
20
12
13
External memory address
0
MMU4 (8000H-9FFFH)
Fig. 22
An Example of MMU Switching Flow and Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56