Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S0402NH Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce S0402NH
Description  SENSITIVE GATE SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S0402NH Fiches technique(HTML) 3 Page - STMicroelectronics

  S0402NH Datasheet HTML 1Page - STMicroelectronics S0402NH Datasheet HTML 2Page - STMicroelectronics S0402NH Datasheet HTML 3Page - STMicroelectronics S0402NH Datasheet HTML 4Page - STMicroelectronics S0402NH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
00.5
1
1.522.5
33.5
4
0
0.5
1
1.5
2
2.5
3
3.5
P (W)
= 180
o
= 120
o
=90
o
=60
o
=30
o
DC
I
(A)
T(AV)
360
O
Fig.1 : Maximum average power dissipation ver-
sus average on-state current.
0
10203040
5060708090 100 110 120 130
0
1
2
3
4
5
I
(A)
T(AV)
= 180
o
DC
Tcase ( C)
o
Fig.3 : Average on-state current versus case tem-
perature.
Igt
Ih
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
-40
-20
0
20
40
60
80
100
120
140
Igt[Tj]
Igt[Tj=25 C]
o
Ih[Tj]
Ih[Tj=25 C]
o
Fig.5 : Relative variation of gate trigger current and
holding current versus junction temperature.
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
-110
-115
-120
-125
P (W)
Tcase ( C)
o
Rth = 0 C/W
5C/W
10 C/W
15 C/W
o
o
o
o
= 180
o
Tamb ( C)
o
Fig.2 : Correlation between maximum average
power dissipation and maximum allowable tem-
perature (Tamb and Tcase) for different thermal
resistances heatsink + contact.
1E-3
1E-2
1E-1
1E +0
1 E +1
1E +2 5 E+2
0.01
0.1
1
Zth/Rth
Zt h( j-c )
Zt h( j-a )
tp (s )
Fig.4 : Relative variation of thermal impedance
versus pulse duration.
1
10
100
100 0
0
10
20
30
40
50
60
Tj initial = 25 C
o
Number of cycles
I
(A)
TSM
Fig.6 : Non repetitive surge peak on-state current
versus number of cycles.
®
S0402xH
3/5



Html Pages

1 2 3 4 5