| Moteur de recherche de fiches techniques de composants électroniques |
|
VS1103B Fiches technique(PDF) 46 Page - VLSI Solution Oy |
|
|
|||||||||||||||||||||||||||||
VS1103B Fiches technique(HTML) 46 Page - VLSI Solution Oy |
|
46 / 61 page ![]() VS1103b Datasheet 8 VS1103B REGISTERS 0000 0000 Instruction (32−bit) Y (16−bit) X (16−bit) System Vectors User Instruction RAM X DATA RAM Y DATA RAM 0030 0030 Y DATA ROM X DATA ROM 4000 4000 Instruction ROM Hardware Register Space C000 C100 C100 C000 0500 0500 8000 8000 1E00 1E00 1C00 1C00 Stack Stack User Space User Space 1940 1880 1800 1800 1880 1940 Figure 14: User’s Memory Map. 8.6 DAC Registers DAC registers, prefix DAC_ Reg Type Reset Abbrev[bits] Description 0xC013 rw 0 FCTLL DAC frequency control, 16 LSbs. 0xC014 rw 0 FCTLH DAC frequency control 4MSbs, PLL control. 0xC015 rw 0 LEFT DAC left channel PCM value. 0xC016 rw 0 RIGHT DAC right channel PCM value. Every fourth clock cycle, an internal 26-bit counter is added to by (DAC_FCTLH & 15) × 65536 + DAC_FCTLL. Whenever this counter overflows, values from DAC_LEFT and DAC_RIGHT are read and a DAC interrupt is generated. Version: 1.04, 2018-03-16 46 |