| Moteur de recherche de fiches techniques de composants électroniques |
|
VS1103 Fiches technique(PDF) 21 Page - VLSI Solution Oy |
|
|
|||||||||||||||||||||||||||||
VS1103 Fiches technique(HTML) 21 Page - VLSI Solution Oy |
|
21 / 61 page ![]() VS1103b Datasheet 5 SPI BUSES 5.7 SPI Examples with SM_SDINEW and SM_SDISHARED set 5.7.1 Two SCI Writes 0 1 2 3 30 31 1 0 1 0 0 0 0 0 0 0 X X XCS SCK SI 2 32 33 61 62 63 SCI Write 1 SCI Write 2 DREQ DREQ up before finishing next SCI write Figure 9: Two SCI Operations. Figure 9 shows two consecutive SCI operations. Note that xCS must be raised to inactive state between the writes. Also DREQ must be respected as shown in the figure. 5.7.2 Two SDI Bytes 1 2 3 XCS SCK SI 7 6 5 4 3 1 0 7 6 5 2 1 0 X SDI Byte 1 SDI Byte 2 0 6 7 8 9 13 14 15 DREQ Figure 10: Two SDI Bytes. SDI data is synchronized with a raising edge of xCS as shown in Figure 10. However, every byte doesn’t need separate synchronization. Version: 1.04, 2018-03-16 21 |