Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI7C9X760ACLEX Fiches technique(PDF) 13 Page - Diodes Incorporated

No de pièce PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Fiches technique(HTML) 13 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 9Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 10Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 11Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 12Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 13Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 14Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 15Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 16Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
13
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
5.1 Interrupt mode operation
In Interrupt mode (if any bit of IER[3:0] is 1) the host is informed of the status of the receiver and transmitter by an interrupt signal,
IRQ. Therefore, it is not necessary to continuously poll the Line Status Register (LSR) to see if any interrupt needs to be serviced.
Figure 5 shows Interrupt mode operation.
5.2 Polled mode operation
In Polled mode (IER[3:0] = 0000) the status of the receiver and transmitter can be checked by polling the Line Status Register (LSR).
This mode is an alternative to the FIFO Interrupt mode of operation where the status of the receiver and transmitter is automatically
known by means of interrupts sent to the CPU. Figure 6 shows FIFO Polled mode operation.
read LSR
HOST
0
0 0 0
THR
RHR
LSR
IER
read IIR
HOST
1
1 1 1
THR
RHR
IIR
IER
IRQ
Figure 5. Interrupt mode operation
Figure 6. FIFO Polled mode operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53