Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC9721 Fiches technique(PDF) 30 Page - List of Unclassifed Manufacturers

No de pièce STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Fiches technique(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button STAC9721 Datasheet HTML 26Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 27Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 28Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 29Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 30Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 31Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 32Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 33Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
SigmaTel, Inc.
Data Sheet
STAC9721
30
04/07/00
04/07/00
Figure 12. STAC9721/23 Powerdown/Powerup flow with analog still alive
PR0=1
PR1=1
PR4=1
Normal
ADCs off
PR0
DACs off
PR1
Digital I/F
off PR4
Shut off
Coda-link
PR0=0
&
ADC=1
PR1=0
&
DAC=1
Warm Reset
The above figure illustrates a state when all the mixers should work with the static volume settings that
are contained in their associated registers. This configuration can be used when playing a CD (or external
LINE_IN source) through STAC9721/23 to the speakers, while most of the system in low power mode.
The procedure for this follows the previous except that the analog mixer is never shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48