Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM95235 Fiches technique(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Fiches technique(HTML) 13 Page - National Semiconductor (TI)

Back Button LM95235 Datasheet HTML 9Page - National Semiconductor (TI) LM95235 Datasheet HTML 10Page - National Semiconductor (TI) LM95235 Datasheet HTML 11Page - National Semiconductor (TI) LM95235 Datasheet HTML 12Page - National Semiconductor (TI) LM95235 Datasheet HTML 13Page - National Semiconductor (TI) LM95235 Datasheet HTML 14Page - National Semiconductor (TI) LM95235 Datasheet HTML 15Page - National Semiconductor (TI) LM95235 Datasheet HTML 16Page - National Semiconductor (TI) LM95235 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
1.0 Functional Description (Continued)
tively, each time the MSB is read, the LSB associated with
that temperature will be locked in and override the previous
LSB value locked-in.
20174911
(a) Serial Bus Write to the Internal Command Register
20174910
(b) Serial Bus Write to the internal Command Register followed by a Data Byte
20174912
(c) Serial Bus byte Read from a Register with the internal Command Register preset to desired value.
20174914
(d) Serial Bus Write followed by a Repeat Start and Immediate Read
FIGURE 6. SMBus Timing Diagrams for Access of Data (Default Address of 4Ch is shown)
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25