| Moteur de recherche de fiches techniques de composants électroniques |
|
G8HN-1C2T-R Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
G8HN-1C2T-R Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 5 page ![]() 1 Micro ISO Automotive Relay G8HN Micro ISO Automotive Relay G8HN • SPST/SPDT contacts. • Fully automated assembly. • Lower power consumption than G8H. • Environment-friendly and light weight. • Made in USA. Ordering Information ■ Typical Applications • Blower fan motor • Head lamps • Fuel pump • ABS • Horn • Door locks • Wipers • Electric sunroof Description Model Standard SPST type G8HN-1A2T-R SPST type with unplated terminals G8HN-1A2T-H62-R Standard SPDT type G8HN-1C2T-R |
Numéro de pièce similaire - G8HN-1C2T-R |
|
Description similaire - G8HN-1C2T-R |