| Moteur de recherche de fiches techniques de composants électroniques |
|
RAVF Fiches technique(PDF) 3 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RAVF Fiches technique(HTML) 3 Page - Stackpole Electronics, Inc. |
|
3 / 6 page ![]() Rev Date: 7/30/2021 3 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. RAVF Series Convex Termination Chip Resistor Array Stackpole Electronics, Inc. Resistive Product Solutions Recommended Pad Layout Type/Code A B P Q1 Q2 Unit 0.039 0.102 0.031 0.016 0.016 Inches 1.00 2.60 0.80 0.40 0.40 mm 0.079 0.187 0.051 0.035 0.015 Inches 2.00 4.75 1.30 0.90 0.38 mm RAVF164D RAVF324D Type/Code A B P Q1 Unit 0.039 0.110 0.020 0.012 Inches 1.00 2.80 0.50 0.30 mm RAVF168D Type/Code A B P Q1 Q2 Unit 0.020 0.079 0.026 0.013 0.013 Inches 0.50 2.00 0.67 0.33 0.34 mm 0.039 0.102 0.031 0.016 0.016 Inches 1.00 2.60 0.80 0.40 0.40 mm RAVF102D RAVF162D Type/Code A B P Q Q1 Q2 Unit 0.020 0.079 0.020 0.012 0.016 0.008 Inches 0.50 2.00 0.50 0.30 0.40 0.20 mm RAVF104D |