| Moteur de recherche de fiches techniques de composants électroniques |
|
RACF Fiches technique(PDF) 3 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RACF Fiches technique(HTML) 3 Page - Stackpole Electronics, Inc. |
|
3 / 4 page ![]() Rev Date: 03/26/2020 3 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. RACF Series Concave Termination Chip Resistor Array Stackpole Electronics, Inc. Resistive Product Solutions Recommended Pad Layout Type A B P Q1 Q2 Unit 0.020 0.079 0.020 0.011 0.009 inches 0.50 2.00 0.50 0.28 0.22 mm RACF104D Type A B P Q1 Q2 Unit 0.031 0.102 0.031 0.020 0.012 inches 0.80 2.60 0.80 0.50 0.30 mm 0.087 0.165 0.050 0.028 0.022 inches 2.20 4.20 1.27 0.70 0.57 mm RACF164D RACF324D Type A B D E P Q1 Unit 0.039 0.118 0.039 0.134 0.031 0.020 inches 1.00 3.00 1.00 3.40 0.80 0.50 mm RACF408M Type A B P Q1 Unit 0.031 0.122 0.050 0.028 inches 0.80 3.10 1.27 0.70 mm RACF648N / 648R |