| Moteur de recherche de fiches techniques de composants électroniques |
|
ADR3625ARMZ-R7 Fiches technique(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR3625ARMZ-R7 Fiches technique(HTML) 4 Page - Analog Devices |
|
4 / 21 page ![]() Data Sheet ADR3625 SPECIFICATIONS analog.com Rev. 0 | 4 of 21 Table 2. Parameter Symbol Test Conditions/Comments Min Typ Max Unit LOAD CAPACITANCE RANGE Minimum load capacitance 0.1 μF Maximum load capacitance 10 μF 1 Initial accuracy does not include shift due to solder heat effect (see the Applications Information section.) |