| Moteur de recherche de fiches techniques de composants électroniques |
|
LT8686SJVPBF Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LT8686SJVPBF Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 26 page ![]() LT8686S 12 Rev. 0 For more information www.analog.com BLOCK DIAGRAM 8686S BD + – + – + – + – + – + – + – + – + – + – + – + – REFERENCE INTVCC REGULATOR BIAS VIN1 EN/UVLO BST1 VIN1 ILIM1 ILIM1 ILIM2 LOGIC 1 LOGIC 2 CURRENT SENSE COMPARATOR REVERSE CURRENT COMPARATOR INTVCC LOOP COMPENSATION LOOP COMPENSATION LOOP COMPENSATION LOOP COMPENSATION SW1 GND TRK/SS1 FB1 PG1 SYNC/MODE EN3 BST3 VIN3 SW3 GND TRK/SS3 FB3 PG3 EN2 INTVCC BST2 VIN2 SW2 GND TRK/SS2 FB2 PG2 RT EN4 BST4 VIN4 SW4 GND TRK/SS4 FB4 PG4 0.86V 0.74V 0.8V 2A ILIM3 INTVCC DRIVER LOGIC 3 LOGIC 4 CURRENT SENSE COMPARATOR REVERSE CURRENT COMPARATOR DRIVER CURRENT SENSE COMPARATOR REVERSE CURRENT COMPARATOR DRIVER CURRENT SENSE COMPARATOR REVERSE CURRENT COMPARATOR DRIVER ILIM3 0.81V 0.86V 0.74V CLK1 CLK2 CLK3 CLK4 OSCILLATOR 0.8V 2A 0.8V 0.86V 0.74V 0.8V 2A INTVCC ILIM4 ILIM4 0.81V 0.1F 0.86V 0.74V 0.8V 2A INTVCC 0.81V 0.01F ILIM2 0.1F 0.01F |