Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM91DIMQAX Fiches technique(PDF) 13 Page - OKI electronic componets

No de pièce LM91DIMQAX
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

LM91DIMQAX Fiches technique(HTML) 13 Page - OKI electronic componets

Back Button LM91DIMQAX Datasheet HTML 6Page - OKI electronic componets LM91DIMQAX Datasheet HTML 7Page - OKI electronic componets LM91DIMQAX Datasheet HTML 8Page - OKI electronic componets LM91DIMQAX Datasheet HTML 9Page - OKI electronic componets LM91DIMQAX Datasheet HTML 10Page - OKI electronic componets LM91DIMQAX Datasheet HTML 11Page - OKI electronic componets LM91DIMQAX Datasheet HTML 12Page - OKI electronic componets LM91DIMQAX Datasheet HTML 13Page - OKI electronic componets LM91DIMQAX Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3.0 Application Hints (Continued)
Noise on the digital lines, overshoot greater than V
CC and
undershoot less than GND, may prevent successful SMBus
communication with the LM91. SMBus no acknowledge is
the most common symptom, causing unnecessary traffic on
the bus. Although, the SMBus maximum frequency of com-
munication is rather low (400 kHz max) care still needs to be
taken to ensure proper termination within a system with
multiple parts on the bus and long printed circuit board
traces.
4.0 Typical Applications
20034317
Using a Diode Connected 2N3904 as a Remote Temperture Sensing Element
20034315
FIGURE 6. Recommended Diode Trace Layout
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14