| Moteur de recherche de fiches techniques de composants électroniques |
|
DLLFSD01LP3-7 Fiches technique(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DLLFSD01LP3-7 Fiches technique(HTML) 4 Page - Diodes Incorporated |
|
4 / 5 page ![]() DLLFSD01LP3 Document number: DS36669 Rev. 6 - 2 4 of 5 www.diodes.com May 2015 © Diodes Incorporated DLLFSD01LP3 Package Outline Dimensions Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. Suggested Pad Layout Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. X1 Y X C X3-DFN0603-2 Dim Min Max Typ A 0.27 0.35 0.30 A1 0.00 0.03 0.02 b 0.19 0.29 0.24 D 0.595 0.645 0.62 E 0.295 0.345 0.32 e - - 0.355 L 0.14 0.24 0.19 All Dimensions in mm Dimensions Value (in mm) C 0.380 X 0.230 X1 0.610 Y 0.300 L (2x) E b (2x) D A1 (2x) A e Bottom View |