Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DGD0506 Fiches technique(PDF) 13 Page - Diodes Incorporated

No de pièce DGD0506
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0506 Fiches technique(HTML) 13 Page - Diodes Incorporated

Back Button DGD0506 Datasheet HTML 6Page - Diodes Incorporated DGD0506 Datasheet HTML 7Page - Diodes Incorporated DGD0506 Datasheet HTML 8Page - Diodes Incorporated DGD0506 Datasheet HTML 9Page - Diodes Incorporated DGD0506 Datasheet HTML 10Page - Diodes Incorporated DGD0506 Datasheet HTML 11Page - Diodes Incorporated DGD0506 Datasheet HTML 12Page - Diodes Incorporated DGD0506 Datasheet HTML 13Page - Diodes Incorporated DGD0506 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DGD0506
Document number: DS38740 Rev. 8 - 3
13 of 14
www.diodes.com
June 2021
© Diodes Incorporated
DGD0506
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN3030-10 (Standard)
aaa B
2X-
B
A
bbb
C A B
C
0.05 C
ccc C
E
D
D2
E2
e
b
L
e1
h
h
A
A3
A1
Seating Plane
z
k
10X
V-DFN3030-10
(Standard)
Dim Min Max
Typ
A
0.70 0.85
0.80
A1 0.00 0.05
0.02
A3
--
--
0.203
b
0.18 0.30
0.25
D
2.90 3.10
3.00
D2 2.40 2.60
2.50
e
0.50BSC
e1
2.00BSC
E
2.90 3.10
3.00
E2 1.45 1.65
1.55
h
0.20 0.30
0.25
k
--
--
0.325
L
0.30 0.50
0.40
z
--
--
0.325
aaa
0.250
bbb
0.100
ccc
0.050
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN3030-10 (Standard)
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
2.300
X2
2.600
Y
0.600
Y1
3.300
Y2
1.650
X
Y1
Y
C
X1
X2
Y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14