Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EASY-NT-RJ45 Fiches technique(PDF) 21 Page - Eaton All Rights Reserved.

No de pièce EASY-NT-RJ45
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EASY-NT-RJ45 Fiches technique(HTML) 21 Page - Eaton All Rights Reserved.

Back Button EASY-NT-RJ45 Datasheet HTML 15Page - Eaton All Rights Reserved. EASY-NT-RJ45 Datasheet HTML 16Page - Eaton All Rights Reserved. EASY-NT-RJ45 Datasheet HTML 17Page - Eaton All Rights Reserved. EASY-NT-RJ45 Datasheet HTML 18Page - Eaton All Rights Reserved. EASY-NT-RJ45 Datasheet HTML 19Page - Eaton All Rights Reserved. EASY-NT-RJ45 Datasheet HTML 20Page - Eaton All Rights Reserved. EASY-NT-RJ45 Datasheet HTML 21Page - Eaton All Rights Reserved. EASY-NT-RJ45 Datasheet HTML 22Page - Eaton All Rights Reserved. EASY-NT-RJ45 Datasheet HTML 23Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
V7-T40-39
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3
Control Relays and Timers
EASY Intelligent Relays
Dimensions
Approximate Dimensions in Inches (mm)
EASY200-POW/EASY256-HCI and EASY400-POW Series, Drawing Number MD05013004E
MFD-XS-80 and MFD-XM-80 Series, Drawing Number MD05013009E
2.81
(71.5)
1.41
(35.8)
3.54
(90.0)
4.02
(102.0)
4.33
(110.0)
1.97
(50.0)
0.42
(10.8)
1.77
(45.0)
0.18
(4.5)
2.22
(56.5)
1.87
(47.5)
(M4)
.157
(3.9)
Dia.
0.30
(7.5)
0.30
(7.5)
1.40
(35.5)
3.54
(90.0)
4.02
(102.0)
4.33
(110.0)
EASY400-POW
EASY256-HCI
EASY200-POW
0.98
(25.0)
3.74
(95.0)
3.41
(86.5)
3.48
(88.5)
3.48
(88.5)
0.89
(22.5)
MFD-XS-80
MFD-XM-80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23