| Moteur de recherche de fiches techniques de composants électroniques |
|
EASY-NT-R Fiches technique(PDF) 5 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EASY-NT-R Fiches technique(HTML) 5 Page - Eaton All Rights Reserved. |
|
5 / 23 page ![]() Volume 7—Motor Controls, Logic and Connectivity CA08100008E—August 2011 www.eaton.com V7-T40-23 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40.3 Control Relays and Timers EASY Intelligent Relays Dimensions Approximate Dimensions in Inches (mm) EASY500 Series, Drawing Number MD05013001E EASY700 Series, Drawing Number MD05013002E 2.81 (71.5) 1.41 (35.8) 3.54 (90.0) 4.02 (102.0) 4.33 (110.0) 1.97 (50.0) 0.42 (10.8) (M4) 0.157 (3.9) Dia. 2.28 (58.0) 1.77 (45.0) 0.18 (4.5) 2.22 (56.5) 1.87 (47.5) EASY500 4.23 (107.5) 3.54 (90.0) 4.02 (102.0) 4.33 (110.0) 2.96 (75.0) 0.64 (16.3) (M4) 0.157 (3.9) Dia. 0.64 (16.3) EASY600 2.28 (58.0) 0.18 (4.5) 2.22 (56.5) 1.87 (47.5) 1.77 (45.0) |