| Moteur de recherche de fiches techniques de composants électroniques |
|
ASFN40771 Fiches technique(PDF) 12 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASFN40771 Fiches technique(HTML) 12 Page - Panasonic Semiconductor |
|
12 / 17 page ![]() DIMENSIONS (mm inch) 1. Plug cord for AC Fan Motor 2 terminals type 2. Fan guard (You can use this with both DC and AC types.) 3. Fan motor filter (You can use this with both DC and AC types.) Accessories ASE51100 For inside of appliance Flat type 2-core cord (20/0.18) ASE51109 UL Standard: File No. E106219 Thermoplastic, flat type 2-core cord UL SPT-1 AWG18 (41/0.16) CSA POT-64 AWG18 (41/0.16) 9 .354 7.5 .295 8 ±0.1 .315 ±.004 15.5 .610 18 .709 10 ±5 .394 ±.197 7 .276 23.5 1000 ±30 .925 39.37 ±1.181 9 .354 7.5 .295 8 ±0.1 .315 ±.004 15.5 .610 18 .709 10 ±5 .394 ±.197 7 .276 23.5 1000 ±30 .925 39.37 ±1.181 ASE51107 Compliant with Electrical Appliance and Material Safety Law Flat type 2-core cord (30/0.18) 9.3 7.5 .366 .295 8 ±0.1 .315 ±.004 16.7 .657 18.5 .728 10 ±5 .394 ±.197 7 1000 ±30 22 20 .276 39.37 ±1.181 .866 .787 ASFN48001 Recognized for 40 sq. by UL/CSA Material used: Steel, 1.6 dia. ASF N68001 Recognized for 60 sq. by UL/CSA Material used: Steel, 1.6 dia. ASF N88001 Recognized for 80 sq. by UL/CSA Material used: Steel, 1.6 dia. ASF N98001 Recognized for 92 sq. by UL/CSA Material used: Steel, 1.6 dia. .189 4.8 32 1.260 5.0 .197 53.2 dia. 2.094 dia. 50.0 1.969 1.6 dia. .063 dia. 1.6 dia. .063 dia. 4.6 dia. .181 dia. 5.0 .197 76.2 dia. 3.000 dia. 1.6 dia. .063 dia. 1.8 dia. .071 dia. 4.6 dia. .181 dia. 71.4 2.811 5.0 .197 89.5 dia. 3.524 dia. 1.6 dia. .063 dia. 1.8 dia. .071 dia. 4.6 dia. .181 dia. 82.4 3.244 ASE N88001 For 80 sq. by Electrical Appliance and Material Safety Law Material used: Steel, 1.6 dia. ASE N98001 For 92 sq. by Electrical Appliance and Material Safety Law Material used: Steel, 1.6 dia. ASE N18001 For 120 sq. by Electrical Appliance and Material Safety Law Material used: Steel, 1.6 dia. ASEN58001 Recognized for 150 ×172 by UL/CSA Material used: Steel, 2.3 dia. 5.0 .197 1.6 dia. .063 dia. 80 dia. 3.150 dia. 30 dia. 1.181 dia. 105 4.134 4.3 .169 5.0 .197 1.6 dia. .063 dia. 90 dia. 3.543 dia. 30 dia. 1.181 dia. 4.3 .169 121 4.764 5.0 .197 1.6 dia. .063 dia. 108 dia. 4.252 dia. 30 dia. 1.181 dia. 4.3 .169 152.5 6.004 60.2 2.370 162.05 6.380 154.4 dia. 6.079 dia. 6.45 .254 2.3 dia. .091 dia. 1.8 dia. .071 dia. ASEN68002 For 60 sq. ASEN88002 For 80 sq. ASEN98002 For 92 sq. ASEN18002 For 120 sq. 4.5 dia. .177 dia. 50 1.969 60 2.362 6.4 .252 3.8 dia. .150 dia. 71.5 2.815 83.6 3.291 10 .394 3.8 dia. .150 dia. 82.5 3.248 96.5 3.799 10 .394 4.5 dia. .177 dia. 104.8 4.126 123.7 4.870 10.7 .421 02/2006 12 |