Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DW2022IR Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce DW2022IR
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

DW2022IR Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  DW2022IR Datasheet HTML 1Page - List of Unclassifed Manufacturers DW2022IR Datasheet HTML 2Page - List of Unclassifed Manufacturers DW2022IR Datasheet HTML 3Page - List of Unclassifed Manufacturers DW2022IR Datasheet HTML 4Page - List of Unclassifed Manufacturers DW2022IR Datasheet HTML 5Page - List of Unclassifed Manufacturers DW2022IR Datasheet HTML 6Page - List of Unclassifed Manufacturers DW2022IR Datasheet HTML 7Page - List of Unclassifed Manufacturers DW2022IR Datasheet HTML 8Page - List of Unclassifed Manufacturers DW2022IR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
HEAVY-DUTY ACCESSORIES
24
BIT BOX
SCREWDRIVING SETS
DW2002B25
25 Pack #2 Phillips
1" Bit Tips in Bit Box
DW2002X10
10 Pack #2 Phillips
1" Bit Tips in Bit Box
DW2002DEX15
15 Pack #2 Phillips 1" Double
Ended Bit Tips in Bit Box
DW2002B30
30 Pack #2 Phillips
1" Bit Tips in Bit Box
SPECIALTY SCREW-
DRIVING BIT PACKS
DW2067
7 Piece 1" TORX Bit Set
Contains: T10, T15, T20,
T25, T27, T30 & T40
DW2068
9 Piece 1" Hex Bit Set
Contains: 5/64", 3/32",
7/64", 1/16", 1/8" 9/64",
5/32", 3/16" & 1/4"
DW2069
3 Piece 1" Pozi Bit Set
Contains: #1, #2, #3
RAPID LOAD®
HOLDER
TOUGH CASETM
STORAGE CONTAINER
• Industrial ABS case and steel hinge for
maximum durability
• Adjustable storage compartments
• Sliding rubber latch keeps case closed
• Locking interior lids keep
components secure
DW2190
DW2505
RAPID LOAD Hex Holder
These ACCESSORIES also fit the RAPID
LOAD
® Holder but are found in separate
listings within this catalog.
Power Bits Page 22
Bit Tip Holders Page 22
Magnetic Nut Drivers Page 23
Magnetic Drive Guides Page 23
RAPID LOAD® QUICK
CHANGE ACCESSORIES
CAT #
DESCRIPTION
Rotary Masonry Drill Bits
DW2572
5/32" Rotary masonry bit
DW2573
3/16" Rotary masonry bit
DW2574
1/4" Rotary masonry bit
DW2571
3 Piece Rotary masonry bit set
Socket Adapters
DW2541
1/4" Socket adapter
DW2542
3/8" Socket adapter
CAT #
DESCRIPTION
Countersinks
DW2537
#6 Countersink replacement drill bit 9/64"
DW2538
#8 Countersink replacement drill bit 11/64"
DW2539
#10 Countersink replacement drill bit 3/16"
DW2540
#12 Countersink replacement drill bit 7/32"
DW2567
#6 Countersink with 9/64" drill bit
DW2568
#8 Countersink with 11/64" drill bit
DW2569
#10 Countersink with 3/16" drill bit
DW2570
#12 Countersink with 7/32" drill bit
DW2535
3 Piece Countersink set
• Pressure-activated ball-groove system for rapid
loading and strong retention
• Impact and rust resistant nickel plated nose for
extended use
• Durable rubber finger grips for comfortable use
• Stainless steel interior parts for greater durability
• The RAPID LOAD
® holder fits all brands of 3/8" and
1/2" cordless and corded drills



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24