| Moteur de recherche de fiches techniques de composants électroniques |
|
LC4HL8-R4-AC240V Fiches technique(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC4HL8-R4-AC240V Fiches technique(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 8 page ![]() Features 1. Bright and Easy-to-Read Display A brand new bright 2-color backlight LCD display. The easy-to-read screen in any location makes checking and setting pro- cedures a cinch. 2. Simple Operation Seesaw buttons make operating the unit even easier than before. 3. Short Body of only 64.5 mm 2.539 inch (screw type) or 70.1 mm 2.760 inch (pin type) With a short body, it easily installs in even narrow control panels. 4. Conforms to IP66’s Weather Resistant Standards The water-proof panel keeps out water and dirt for reliable operation even in poor environments. 5. Screw terminal and Pin Type are Both Standard Options The two terminal types are standard options to support either front panel installation or embedded installation. 6. Changeable Panel Cover Also offers a black panel cover to meet your design considerations. 7. 4-digit or 6-digit display Two sizes of displays are offered for you to choose the one that suits your needs. 8. Compliant with UL, c-UL and CE. 48 1.890 48 1.890 64.5 2.539 4-digit display 6-digit display Pin type Screw terminal type Digit Count speed Output mode Output Operating voltage Power down insurance Terminal type Part number 4 6 30 Hz (cps)/ 5 KHz (Kcps) switchable • Maintain output/hold count • Maintain output/over count I • Maintain output/over count II • One shot/over count • One shot/recount I • One shot/recount II • One shot/hold count (7 modes) Relay (1c) Transistor (1a) Relay (1c) Transistor (1a) 100 to 240 V AC 12 to 24 V DC 100 to 240 V AC 12 to 24 V DC 100 to 240 V AC 12 to 24 V DC 100 to 240 V AC 12 to 24 V DC 24 V AC 24 V AC 24 V AC 24 V AC Available 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal LC4H-R4-AC240V LC4H-R4-AC240VS LC4H-R4-DC24V LC4H-R4-DC24VS LC4H-T4-AC240V LC4H-T4-AC240VS LC4H-T4-DC24V LC4H-T4-DC24VS LC4H-R6-AC240V LC4H-R6-AC240VS LC4H-R6-DC24V LC4H-R6-DC24VS LC4H-T6-AC240V LC4H-T6-AC240VS LC4H-T6-DC24V 8 pins 8 pins 8 pins 8 pins 8 pins 8 pins 8 pins 8 pins LC4H8-R4-AC240V LC4H8-R4-DC24V LC4H8-T4-AC240V LC4H8-T4-DC24V LC4H8-R6-AC240V LC4H8-R6-DC24V LC4H8-T6-AC240V LC4H8-T6-DC24V LC4H-T6-DC24VS 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal LC4H-R4-AC24V LC4H-R4-AC24VS LC4H-T4-AC24V LC4H-T4-AC24VS LC4H-R6-AC24V LC4H-R6-AC24VS LC4H-T6-AC24V 8 pins 8 pins 8 pins 8 pins LC4H8-R4-AC24V LC4H8-T4-AC24V LC4H8-R6-AC24V LC4H8-T6-AC24V LC4H-T6-AC24VS Product types LC4H/-L * A rubber gasket (ATC18002) and a mounting frame (AT8-DA4) are included. mm inch UL File No.: E122222 C-UL File No.: E122222 LC4H Counters DIN 48 SIZE LCD ELECTRONIC COUNTER LC4H/-L Counters RoHS Directive compatibility information http://www.nais-e.com/ All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd. |
Numéro de pièce similaire - LC4HL8-R4-AC240V |
|
Description similaire - LC4HL8-R4-AC240V |