Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMSA2805S/KR Fiches technique(PDF) 1 Page - Interpoint Corporation Company

No de pièce SMSA2805S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPOINT [Interpoint Corporation Company]
Site Internet  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA2805S/KR Fiches technique(HTML) 1 Page - Interpoint Corporation Company

  SMSA2805S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
45
®
SMSA SERIES
5 WATT
MODELS
VDC OUTPUT
DC/DC CONVERTERS
28 VOLT INPUT
SINGLE
3.3
5
12
15
DUAL
±5
±12
±15
Size (max.): 1.075 x 1.075 x 0.270 inches
(27.31 x 27.31 x 6.86 mm)
See Figures 23 and 24 for dimensions.
Weight:
15 grams maximum.
Screening:
Space prototype, Class H, or Class K (MIL-PRF-38534)
Radiation hardness levels O or R
Available configurations: OO, HO, HR, KR
DESCRIPTION
The SMSA Series™ of high frequency DC/DC converters offers a
new standard of performance for low power, space qualified DC/DC
converters. SMSA converters provide up to 5 watts output power
over the full military temperature range of –55°C to +125°C with up
to 76% efficiency. Thick-film hybrid techniques provide military/aero-
space reliability levels and optimum miniaturization. The hermeti-
cally sealed case is only 1.075 by 1.075 inches — with a height of
only 0.270 inches. Power density for the SMSA Series converters is
16 watts per cubic inch. The SMSA Series’ small size, light weight,
and hermetically sealed metal packages make them ideal for use in
space, military, aerospace and other high reliability applications.
SCREENING AND REPORTS
SMSA converters offer three screening options – Space prototype
Class H, or Class K – and two levels of radiation hardness. See
Tables 1 through 3 for more information. Detailed reports on product
performance are also available and are listed in Table 4.
CONVERTER DESIGN
The SMSA converters are switching regulators that use a flyback
converter design with a constant switching frequency of 550 kHz.
They are regulated, isolated units using a pulse width modulated
topology and built as high reliability thick-film hybrids. Isolation
between input and output circuits is provided with a transformer in
the forward power loop and an optical link in the feedback control
loop. Excellent input line transient response and audio rejection is
achieved by an advanced feed-forward compensation technique.
Negative output regulation is maintained by tightly coupled
magnetics. Predictable current limit is accomplished by direct moni-
toring of the output load current, which results in a constant current
output above the overload point. Internal input and output filters
eliminate the need for external capacitors.
WIDE VOLTAGE RANGE
The SMSA converters are designed to provide full power operation
over the full 16 to 40 VDC voltage range. An undervoltage lockout
feature keeps the converter shutdown below approximately 13 VDC
to ensure smooth initialization.
IMPROVED DYNAMIC RESPONSE
The SMSA feed-forward compensation system provides excellent
dynamic response and noise rejection. Audio rejection is typically 50
dB. The minimum to maximum step line transient response is typi-
cally less than 1%.
INHIBIT FUNCTION
SMSA converters provide a TTL open collector-compatible inhibit
feature that can be used to disable internal switching and inhibit the
unit’s output. Inhibiting in this manner results in low standby current,
and no generation of switching noise.
The converter is inhibited when the TTL compatible low (
≤0.8V) is
applied to the inhibit pin. The unit is enabled when the pin, which is
internally connected to a pull-up resistor, is left unconnected or is
connected to an open collector gate. The open circuit output voltage
associated with the inhibit pin is 9 to 11 VDC. In the inhibit mode, a
maximum of 4 mA must be sunk from the inhibit pin at 28 VDC input.
FEATURES
• Fully qualified to Class H or K
• Radiation hardened
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully isolated
• Optocoupler feedback
• Fixed frequency, 550 kHz typical
• Topology – Single Ended Flyback
• Inhibit function
• Indefinite short circuit protection
• 5 watts output power
• Up to 76% efficiency


Numéro de pièce similaire - SMSA2805S/KR

FabricantNo de pièceFiches techniqueDescription
logo
Crane Aerospace & Elect...
SMSA2805S/KR CRANE-SMSA2805S/KR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMSA2805S/KR INTERPOINT-SMSA2805S/KR Datasheet
310Kb / 15P
SMSA Single and Dual DC-DC Converters
More results

Description similaire - SMSA2805S/KR

FabricantNo de pièceFiches techniqueDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12