| Moteur de recherche de fiches techniques de composants électroniques |
|
GLZ1AC Fiches technique(PDF) 15 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
GLZ1AC Fiches technique(HTML) 15 Page - Honeywell Solid State Electronics Center |
|
15 / 20 page ![]() Limit and Enclosed Switches Additional Lever Types A24 Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada For use with all Side Rotary Head Style. Figure 1 illustrates Miniature Din lever types conforming to EN 50047 while Figure 2 illustrates Standard Din lever types which conform to EN 50041. All dimensions are in mm/(inches). GLC, GLD, GLE (EN 50047) Side Rotary Roller Lever A1A Plastic Roller A1B Metal Roller Side Rotary Adjustable Lever A2A Plastic Roller A2B Metal Roller Side Rotary Adjustable Rod A4J Metal Rod Head Offset Side Rotary Roller Lever A5A Plastic Roller A5B Metal Roller Head Side Rotary Conveyor Lever A9A Ceramic Roller Figure 1 GLA, GLB, GLF, GLH, GLG, GLJ (EN 50041) Side Rotary Roller Lever A1A Plastic Roller A1B Metal Roller Side Rotary Adjustable Lever A2A Plastic Roller A2B Metal Roller Offset Side Rotary Roller Lever A5A – Plastic Roller A5B – Metal Roller Side Rotary Adjustable Rod A4J Metal Rod Head Figure 2 |