| Moteur de recherche de fiches techniques de composants électroniques |
|
GS2107-WTBD Fiches technique(PDF) 52 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
GS2107-WTBD Fiches technique(HTML) 52 Page - Mitsubishi Electric Semiconductor |
|
52 / 252 page ![]() 7 - 4 7.1 Power Supply Wiring 7.1.4 The cause of malfunctions related wiring/Remedy Grounding of the GOT may cause electric potential difference and noise interference, which may result in GOT malfunctions. These problems may be resolved by taking the following measures. ■1. Wiring path of the GOT's ground cable and power line Bundling the GOT's ground cable and power line together can cause interference noise, which may result in malfunctions. Keeping the GOT's ground cable and power line away from each other will help minimize noise interference. ■2. Connecting the ground cable from the panel that houses control equipment to the panel to which the GOT is grounded When running a single ground cable from the panel that houses such piece of control equipment as a sequencer to the panel to which the GOT is grounded, the ground cable may have to be directly connected to the terminal on the GOT. If electric potential difference between the ground points created by it causes malfunctions, lowering the voltage as shown in Remedy 1 below may solve the problem. FG Power supply for power equipment Power supply for power equipment Good: Wiring the ground cable away from the power cable FG Bad: Bundling the ground cable and the power cable FG Ground cable from the panel that houses control equipment Connection cable |