Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7635443-01 Fiches technique(PDF) 13 Page - CommScope Inc.

No de pièce 7635443-01
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMMSCOPE [CommScope Inc.]
Site Internet  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7635443-01 Fiches technique(HTML) 13 Page - CommScope Inc.

Back Button 7635443-01 Datasheet HTML 9Page - CommScope Inc. 7635443-01 Datasheet HTML 10Page - CommScope Inc. 7635443-01 Datasheet HTML 11Page - CommScope Inc. 7635443-01 Datasheet HTML 12Page - CommScope Inc. 7635443-01 Datasheet HTML 13Page - CommScope Inc. 7635443-01 Datasheet HTML 14Page - CommScope Inc. 7635443-01 Datasheet HTML 15Page - CommScope Inc. 7635443-01 Datasheet HTML 16Page - CommScope Inc. 7635443-01 Datasheet HTML 17Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
11
ERA Ordering Guide
For North America
ERA Carrier Access Point Low Power
ERA Carrier Access Point (CAP) feature external antenna ports for performance,
aesthetics and signal shaping; and allow embedded MIMO support to deliver top
data speeds.
Features
• Up to 21 dBm power to economically cover large indoor and outdoor spaces
• Outdoor and plenum ratings to allow widest variety of deployment scenarios
• Copper or fiber connections to suit short or long cable runs
• Power over CAT cable or remote power through hybrid fiber support
• Daisy-chaining capability for secondary CAP or other IP device such as a Wi-Fi
access point or IP security camera
Ordering Information
Description
Network
Connection
Powered
Fan Kit
Product
Code
CommScope
Material ID
CAP L - Carrier Access Point for Low Power
4-Band Support
AWS 1700 MIMO and
WCS 2300 MIMO
Applications
Copper Fed
Power Over
CAT
Without Fan Kit
CAP L 17E/17E/23/23 C-PE
7770203-0004
Fiber Fed
External DC
Without Fan Kit
CAP L 17E/17E/23/23 F-DC
7770203-0006
AWS 1700 MIMO
and PCS 1900 MIMO
Applications
Copper Fed
Power Over
CAT
Without Fan Kit
CAP L 17E/17E/19/19 C-PE
7770356-0004
Fiber Fed
External DC
Without Fan Kit
CAP L 17E/17E/19/19 F-DC
7770356-0006
USA 700, USA 750,
SMR 800, CEL 850,
AWS 1700 and PCS
1900 Applications
Copper Fed
Power Over
CAT
Without Fan Kit
CAP L 7/80-85/17E/19 C-PE
7776596-0004
Fiber Fed
External DC
Without Fan Kit
CAP L 7/80-85/17E/19 F-DC
7776596-0006
AWS 1700 MIMO,
PCS 1900, WCS
2300 and TDD 2500
Applications
Copper Fed
Power Over
CAT
Without Fan Kit
CAP L 17E/19/23/25 C-PE
7776597-0004
Fiber Fed
External DC
Without Fan Kit
CAP L 17E/19/23/25 F-DC
7776597-0006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24