| Moteur de recherche de fiches techniques de composants électroniques |
|
MSR2805S/ES Fiches technique(PDF) 6 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MSR2805S/ES Fiches technique(HTML) 6 Page - Interpoint Corporation Company |
|
6 / 6 page ![]() C2-12 QA SCREENING 85°C PRODUCTS TEST (85°C Products excluding HR products) STANDARD /ES PRE-CAP INSPECTION Method 2017 yes yes TEMPERATURE CYCLE (10 times) Method 1010, Cond. B, -55°C to 125°C no yes CONSTANT ACCELERATION Method 2001, 500 g no yes BURN-IN 96 hours at 70°C ambient (typical) no yes FINAL ELECTRICAL TEST MIL-PRF-38534, Group A Subgroups 1 and 4: +25°C case yes yes HERMETICITY TESTING Fine Leak, Method 1014, Cond. A no yes Gross Leak, Method 1014, Cond. C no yes Gross Leak, Dip (1 x 10-3) yes no FINAL VISUAL INSPECTION Method 2009 yes yes Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534. MFW Series MTW Series MHE/MLP Series MHL Series MRH Series MTO Series MSR Series DCH Series FM/FMA/FMB EMI Filters MSF EMI Filter 85°C PRODUCTS Applies to the following products: |