| Moteur de recherche de fiches techniques de composants électroniques |
|
MOR283R3DY/883 Fiches technique(PDF) 15 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MOR283R3DY/883 Fiches technique(HTML) 15 Page - Interpoint Corporation Company |
|
15 / 16 page ![]() 15 MOR SERIES 120 WATT DC/DC CONVERTERS 0.250 (6.35) Typ. 0.125 (3.18) 0.375 (9.53) 0.575 (14.61) 0.775 (19.69) 0.975 (24.77) 1.175 (29.85 1.375 (34.93) 1.625 (41.28) 0.140 dia (3.56) 0.000 0.250 (6.35) Typ. 1.750 (44.45) 2.000 (50.80) PIN-SIDE VIEW CASE Z* (Tabbed case, down-leaded) *Requires case option designator added to model number: MOR2805SZ 0.000 0.220 (5.59) 0.400 (10.16) max. 0.36 ±0.05 (9.1 ±0.13) 0.150 (3.81) Lead Detail 2.80 (71.1) Reference (lead center to lead center) 0.040 dia (1.02) 1 2 3 4 5 6 12 11 10 9 8 7 Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. FIGURE 59 |