Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLP2815DF/ES Fiches technique(PDF) 10 Page - Interpoint Corporation Company

No de pièce MLP2815DF/ES
Description  DC/DC CONVERTERS 12 AND 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPOINT [Interpoint Corporation Company]
Site Internet  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MLP2815DF/ES Fiches technique(HTML) 10 Page - Interpoint Corporation Company

Back Button MLP2815DF/ES Datasheet HTML 3Page - Interpoint Corporation Company MLP2815DF/ES Datasheet HTML 4Page - Interpoint Corporation Company MLP2815DF/ES Datasheet HTML 5Page - Interpoint Corporation Company MLP2815DF/ES Datasheet HTML 6Page - Interpoint Corporation Company MLP2815DF/ES Datasheet HTML 7Page - Interpoint Corporation Company MLP2815DF/ES Datasheet HTML 8Page - Interpoint Corporation Company MLP2815DF/ES Datasheet HTML 9Page - Interpoint Corporation Company MLP2815DF/ES Datasheet HTML 10Page - Interpoint Corporation Company MLP2815DF/ES Datasheet HTML 11Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
B8-30
CASE K
CASES
0.155 (3.94)
0.955 (24.26)
0.040 dia
(1.02)
0.000
0.555 (14.1)
1.115 (28.32)
12
4
5
Flanged cases: Designator required in Case Option position of model number.
FMA-461 and FMB-461 EMI Filters: Screening – Standard or ES
BOTTOM VIEW CASE K6
0.162 dia
(4.11)
Solder Seal
Solder Tip-off
Squared corner and dot on top
of case indicate pin one.
3
FIGURE 47: CASE K6
0.155 (3.94)
0.955 (24.26)
0.040 dia
(1.02)
Solder Seal
Solder Tip-off
0.000
1.115 (28.32)
12
6
10
Flanged case: Designator required in Case Option position of model number.
MHE Series: Screening – Standard or ES
BOTTOM VIEW CASE K7
345
7
8
9
0.555 (14.1)
Squared corner and dot on top
of case indicate pin one.
FIGURE 48: CASE K7



Html Pages

1 2 3 4 5 6 7 8 9 10 11