| Moteur de recherche de fiches techniques de composants électroniques |
|
MFW2812S/ES Fiches technique(PDF) 7 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MFW2812S/ES Fiches technique(HTML) 7 Page - Interpoint Corporation Company |
|
7 / 9 page ![]() B8-31 CASE L CASES 0.060 min (1.52) 0.060 min (1.52) 0.337 min (8.56) 0.337 min (8.56) 3.20 max (81.3) 2.46 max (62.5) Materials Header Cold Rolled Steel/Nickel/Tin Cover Cold Rolled Steel/Nickel/Tin Pins #52 alloy pins 1-4, and 9-10 #52 alloy with copper core pins 5-8 ceramic seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. Squared corner indicates pin one CASE L TOP VIEW Cover Placement and Min/Max Dimensions See Figure 50 for pin configuration FIGURE 49: CASE L MAXIMUM DIMENSIONS |