Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103CB Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM32F103CB
Description  Leading-edge architecture with Cortex-M3 core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CB Fiches technique(HTML) 5 Page - STMicroelectronics

  STM32F103CB Datasheet HTML 1Page - STMicroelectronics STM32F103CB Datasheet HTML 2Page - STMicroelectronics STM32F103CB Datasheet HTML 3Page - STMicroelectronics STM32F103CB Datasheet HTML 4Page - STMicroelectronics STM32F103CB Datasheet HTML 5Page - STMicroelectronics STM32F103CB Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image

STM32 easy development, fast time to market
From ideas to reality. As easy as 1, 2, 3
STM32 firmware library
The STM32 firmware library provides easy access to all features of the standard device peripherals of the STM32.
This free software package provides drivers for all standard device features and peripherals, from GPIO and timers
to CAN, I2C, EMI, SPI, UART, ADC and more.
The fully documented and tested C source code requires only basic knowledge of C programming, is compatible
with any C compiler for ARM core-based microcontrollers, and is MISRA C-compliant (latest rules).
The STM32 library shares the same API with the STR7 and STR9 libraries.
USB developer kit
The USB developer kit facilitates USB implementation in a full range of applications by providing a complete,
USB-certified firmware package that allows developers to painlessly develop any flavor of USB firmware including:
■
Control transfer with generic device management tasks
■
Interrupt transfer with HID mouse/joystick demo
■
Bulk transfer with mass storage demo
■
Isochronous transfer with voice speaker/microphone demo
The kit implements DFU for firmware updates on USB,
and Virtual COM (CDC class) for emulation of an RS232
interface on USB.
STM32 motor control firmware library for vector drive
Optimized and documented C firmware libraries for control of both PMSM and AC induction brushless motors in
vector mode (FOC) are provided for free upon request.
These modular libraries support both types of motors in standalone mode using ST hardware. The source files
are provided free of charge and are MISRA C (latest rules)-compliant, which helps for compliancy with IEC60730.
Internet support
The latest news, downloads and documentation for STM32 microcontrollers can be found at: www.st.com/stm32
Here, you will also find:
■
A complete selection guide for ST microcontrollers and development tools
■
Downloads of free software and documentation
■
Microcontroller and application-specific online forums and FAQs
For further information about a specific third-party tool, please visit the website of the relevant third-party tool supplier.
Idea
Product
Ready-to-use
software
Firmware library
USB, CAN
Motor control
Graphics
3
STM32 tools
Starter kits
IDE compilers
Debugger
RTOS
2
STM32
Simple and
powerful
1



Html Pages

1 2 3 4 5 6