Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FME270-461/883 Fiches technique(PDF) 15 Page - Interpoint Corporation Company

No de pièce FME270-461/883
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPOINT [Interpoint Corporation Company]
Site Internet  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461/883 Fiches technique(HTML) 15 Page - Interpoint Corporation Company

Back Button FME270-461/883 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461/883 Datasheet HTML 9Page - Interpoint Corporation Company FME270-461/883 Datasheet HTML 10Page - Interpoint Corporation Company FME270-461/883 Datasheet HTML 11Page - Interpoint Corporation Company FME270-461/883 Datasheet HTML 12Page - Interpoint Corporation Company FME270-461/883 Datasheet HTML 13Page - Interpoint Corporation Company FME270-461/883 Datasheet HTML 14Page - Interpoint Corporation Company FME270-461/883 Datasheet HTML 15Page - Interpoint Corporation Company FME270-461/883 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
B8-25
CASE J
CASES
0.040 dia.
(1.02)
54
3
1
2
0.173
(4.39)
0.000
1.173
(29.79
0.673
(17.09)
0.162 dia
(4.11)
Flanged cases: Designator required in Case Option position of model number.
FMD28-461 EMI Filter (down-leaded): Screening – Standard or ES
BOTTOM VIEW CASE J4 (Rev B)
Solder Seal
Solder Tip-off
Squared corner and dot on top
of case indicate pin one.
FIGURE 39: CASE J4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16