| Moteur de recherche de fiches techniques de composants électroniques |
|
FME28-461W/883 Fiches technique(PDF) 13 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FME28-461W/883 Fiches technique(HTML) 13 Page - Interpoint Corporation Company |
|
13 / 16 page ![]() B8-37 CASE U CASES Angled corner indicates pin one. 1 2 3 4 5 6 12 11 10 9 8 7 0.000 0.120 (3.05) 0.250 (6.35) 0.450 (11.43) 0.650 (16.51) 0.850 (21.59) 1.050 (26.67) 1.250 (31.75) 1.380 (35.05) 1.505 (38.23) max. 0.128 dia (3.25). 0.040 dia (1.02) 0.23 (5.8) Lead Length TOP VIEW CASE U1 MFL Series and MHP Series: Screening – Standard, ES or 883 MFLHP Series, FMD270 EMI Filter, and FMD28-461SL EMI Filters: Screening – Standard or ES SMFL, SMFLHP, SMHP, and SSP Series; SFCS, and SFME EMI Filters: Screening – Standard, Class H or K HUM70 Module and LCM Module: Screening – Standard or ES Seam Seal FIGURE 55: CASE U1 |