Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMD28-461 Fiches technique(PDF) 13 Page - Interpoint Corporation Company

No de pièce FMD28-461
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPOINT [Interpoint Corporation Company]
Site Internet  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 Fiches technique(HTML) 13 Page - Interpoint Corporation Company

Back Button FMD28-461 Datasheet HTML 8Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 9Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 10Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 11Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 12Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 13Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 14Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 15Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
B8-37
CASE U
CASES
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Lead Length
TOP VIEW CASE U1
MFL Series and MHP Series: Screening – Standard, ES or 883
MFLHP Series, FMD270 EMI Filter, and FMD28-461SL EMI Filters:
Screening – Standard or ES
SMFL, SMFLHP, SMHP, and SSP Series; SFCS, and SFME EMI Filters:
Screening – Standard, Class H or K
HUM70 Module and LCM Module: Screening – Standard or ES
Seam Seal
FIGURE 55: CASE U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16