Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMA-461 Fiches technique(PDF) 7 Page - Interpoint Corporation Company

No de pièce FMA-461
Description  EMI INPUT FILTERS 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPOINT [Interpoint Corporation Company]
Site Internet  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMA-461 Fiches technique(HTML) 7 Page - Interpoint Corporation Company

Back Button FMA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMA-461 Datasheet HTML 7Page - Interpoint Corporation Company FMA-461 Datasheet HTML 8Page - Interpoint Corporation Company FMA-461 Datasheet HTML 9Page - Interpoint Corporation Company FMA-461 Datasheet HTML 10Page - Interpoint Corporation Company FMA-461 Datasheet HTML 11Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
B8-21
CASE H
CASES
0.160 (4.06)
0.960 (24.38)
Solder Seal
Solder Tip-off
0.040 dia
(1.02)
0.000
0.560 (14.22)
1.120 (28.45)
12
4
5
FMA-461and FMB-461 EMI Filter: Screening – Standard of ES
BOTTOM VIEW CASE H5
Squared corner and dot on top
of case indicate pin one.
3
0.160 (4.06)
0.960 (24.38)
0.000
1.120 (28.45)
12
6
10
MHE Series: Screening – Standard or ES
BOTTOM VIEW CASE H6
345
7
8
9
0.040 dia
(1.02)
Solder Seal
Solder Tip-off
Dot on top of case indicates pin one
HR151 Series and HR152 Series: no screening options
FIGURE 34: CASE H6
FIGURE 33: CASE H5



Html Pages

1 2 3 4 5 6 7 8 9 10 11