| Moteur de recherche de fiches techniques de composants électroniques |
|
PDI-BCB-RVGXX Fiches technique(PDF) 1 Page - PowerDynamics, Inc |
|
|
|||||||||||||||||||||||||||||
PDI-BCB-RVGXX Fiches technique(HTML) 1 Page - PowerDynamics, Inc |
|
1 / 42 page ![]() 173 Power Dynamics filtered and unfiltered D-Sub miniature connectors are low-cost, space-saving components used in a wide variety of applications. They are available in standard 9, 15, 25, 37 pins, high density 15, 26, 44, 62, pins, and stackable versions. Termination types include P.C.B., solder cup, and I.D.C. Power Dynamics filtered D-Subs have integrated ferrite plates. All PDI D-Subs carry the and safety approvals. D-SUB CONNECTORS |
Numéro de pièce similaire - PDI-BCB-RVGXX |
|
Description similaire - PDI-BCB-RVGXX |