Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDI-BDA-RVGXX Fiches technique(PDF) 10 Page - PowerDynamics, Inc

No de pièce PDI-BDA-RVGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERDYNAMICS [PowerDynamics, Inc]
Site Internet  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-BDA-RVGXX Fiches technique(HTML) 10 Page - PowerDynamics, Inc

Back Button PDI-BDA-RVGXX Datasheet HTML 6Page - PowerDynamics, Inc PDI-BDA-RVGXX Datasheet HTML 7Page - PowerDynamics, Inc PDI-BDA-RVGXX Datasheet HTML 8Page - PowerDynamics, Inc PDI-BDA-RVGXX Datasheet HTML 9Page - PowerDynamics, Inc PDI-BDA-RVGXX Datasheet HTML 10Page - PowerDynamics, Inc PDI-BDA-RVGXX Datasheet HTML 11Page - PowerDynamics, Inc PDI-BDA-RVGXX Datasheet HTML 12Page - PowerDynamics, Inc PDI-BDA-RVGXX Datasheet HTML 13Page - PowerDynamics, Inc PDI-BDA-RVGXX Datasheet HTML 14Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
182
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
Specifications subject to change without notice. Dimensions in mm.
High Density, Right Angle, P.C.B.
PDI-15RH
(shown)
PDI-15SH-J
(shown)
B
A
C
7.9
12.5
UNC #4-40
2 PLACES
D
E
6.0
3.3
5.08
8.75
11.29
Ø
3.2
2 PLACES
E
7.04
Ø
1.0
B
D
2.54
P.C. BOARD EDGE
15 POSITION FEMALE
Ø
3.2
2 PLACES
Ø
1.0
2.54
E
B
D
F
P.C. BOARD EDGE
26, 44, 62 POSITION FEMALE
A
24.60
NUMBER OF PINS
16.30
15
26
44
62
38.30
54.80
33.30
25.00
47.10
63.50
39.20
30.80
53.10
69.40
2.29
2.29
2.29
2.41
B
C
D
1.145
1.145
1.145
1.205
6.88
7.04
6.88
7.00
E
F
B
A
C
8.3
12.5
UNC #4-40
2 PLACES
D
E
6.0
3.5
5.08
8.75
11.29
A
25.25
NUMBER OF PINS
16.92
15
26
44
62
38.96
55.42
33.30
25.00
47.10
63.50
39.20
30.80
53.10
69.40
2.29
2.29
2.29
2.41
B
C
D
1.145
1.145
1.145
1.205
6.88
7.04
6.88
7.00
E
F
Ø
3.2
2 PLACES
E
Ø
1.0
B
D
2.54
P.C. BOARD EDGE
15 POSITION MALE
F
Ø
3.2
2 PLACES
Ø
1.0
2.54
E
B
D
F
P.C. BOARD EDGE
26, 44, 62 POSITION MALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42