| Moteur de recherche de fiches techniques de composants électroniques |
|
MS6323ASU Fiches technique(PDF) 7 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6323ASU Fiches technique(HTML) 7 Page - MOSA ELECTRONICS |
|
7 / 9 page ![]() MOSA MS6323 16-Bits Stereo Audio DAC REV1.1 7 www.mosanalog.com APPLICATION INFORMATION MP3 digital to analog converting solution BCK WS DATA GND VoR CAP VoL V DD MS6323 100uF MS6308 68pF 39k 22k 22k 1nF 15k 1.2nF 1uF 100k 1uF 100k 10Ω Supply V REF 10uF 0.1uF 1uF f -3dB = 17.5kHz DC gain = 1.05 V DAC out p-p = 1.65V V out p-p = 1.75V For V DD = 3.3V Headphone (32Ω) Fig.4 A third order lowpass filter ( Smoothing filter ) for DAC output. 0.1uF BCK WS DATA GND VoR CAP VoL V DD MS6323 1 2 3 45 6 7 8 47uF MS6308 1 2 3 DAC Headphone Driver 22k 450pF 50k 50k 10uF V RE F 20k 20k 20k 470pF 0.1uF 7 5 6 47uF 1uF MP3 DECODER 1.65V PP 1.65V PP Headphone (32Ω) PHONE JACK SUNPLUS SPCA751 STMicroelectronics STA013 AV DD 10Ω Supply 47uF 0.1uF 3.3V Fig.5 A first order lowpass filter for DAC output. |