| Moteur de recherche de fiches techniques de composants électroniques |
|
MS6266SSTR Fiches technique(PDF) 8 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6266SSTR Fiches technique(HTML) 8 Page - MOSA ELECTRONICS |
|
8 / 11 page ![]() MOSA MS6266 6-Channel Electronic Volume Controller REV1 8 www.mosanalog.com.tw Data bytes description Function bits MSB LSB Function 1 1 1 0 A3 A2 A1 A0 6 channels, -1dB/step 1 1 0 1 B3 B2 B1 B0 6 channels, -10dB/step or +2dB/step 0 0 0 1 A3 A2 A1 A0 Channel 3, -1dB/step 0 0 0 0 B3 B2 B1 B0 Channel 3, -10dB/step or +2dB/step 0 0 1 1 A3 A2 A1 A0 Channel 4, -1dB/step 0 0 1 0 B3 B2 B1 B0 Channel 4, -10dB/step or +2dB/step 0 1 0 1 A3 A2 A1 A0 Channel 2, -1dB/step 0 1 0 0 B3 B2 B1 B0 Channel 2, -10dB/step or +2dB/step 0 1 1 1 A3 A2 A1 A0 Channel 5, -1dB/step 0 1 1 0 B3 B2 B1 B0 Channel 5, -10dB/step or +2dB/step 1 0 0 1 A3 A2 A1 A0 Channel 1, -1dB/step 1 0 0 0 B3 B2 B1 B0 Channel 1, -10dB/step or +2dB/step 1 0 1 1 A3 A2 A1 A0 Channel 6, -1dB/step 1 0 1 0 B3 B2 B1 B0 Channel 6, -10dB/step or +2dB/step 0 0 0 1 Power off preparation (pop noise free) 1 0 0 1 6 channels, mute On 1 1 1 1 1 0 0 0 6 channels, mute Off Gain / Attenuation bits A3 A2 A1 A0 Gain / Attenuation value (dB) B3 B2 B1 B0 A B 0 0 0 0 0 0 0 0 0 1 -1 -10 0 0 1 0 -2 -20 0 0 1 1 -3 -30 0 1 0 0 -4 -40 0 1 0 1 -5 -50 0 1 1 0 -6 -60 0 1 1 1 -7 -70 1 0 0 0 -8 +2 1 0 0 1 -9 +4 1 0 1 0 - +6 1 0 1 1 - +8 1 1 0 0 - +10 1 1 0 1 - +12 1 1 1 0 - +14 1 1 1 1 - +16 1. Where Ax=-1dB/step, Bx=-10dB/step or +2dB/step, -10dB and +2dB should not be loaded at the same time. 2. The initial condition is set to be maximum attenuation –79dB and mute on mode when the power on. 3. The output will drop down to ground gradually when enable power off preparation. 4. Odd gain 2N-1= N*(+2dB/step) + (-1dB), where N = 1~8. Please reference to examples. |