| Moteur de recherche de fiches techniques de composants électroniques |
|
EBCM-1-4-06-1-R-H-1-R-A Fiches technique(PDF) 1 Page - Samtec, Inc |
|
|
|||||||||||||||||||||||||||||
EBCM-1-4-06-1-R-H-1-R-A Fiches technique(HTML) 1 Page - Samtec, Inc |
|
1 / 2 page ![]() Traditional, Coplanar and Direct Mate Orthogonal ExaMAX® High-Speed Backplane System • Meets a variety of industry specifications • Exceeds OIF CEI-28G-LR specification for 28 Gbps standards • 24 - 72 pair designs (4 and 6 pairs; 6, 8, 10 and 12 columns) • Wafer design increases isolation for reduced crosstalk • Press-fit tails provide a reliable electrical connection ExaMAX® High-Speed Backplane Cable Assemblies • 30 & 34 AWG Eye Speed® Ultra Low Skew Twinax Cable offers improved signal integrity, increased flexibility and routability • Highly customizable with modular flexibility • Reduce costs due to lower layer counts • Multiple end options available KEY SPECIFICATIONS FEATURES & BENEFITS PITCH INSULATOR MATERIAL CONTACT MATERIAL PLATING OPERATING TEMP RANGE CURRENT RATING 2.00 mm LCP Zinc Alloy (EGBX Series only) Copper Alloy Sn over 50 µ" (1.27 µm) Ni -55 °C to +105 °C 4.2 A per pin HIGH-SPEEDBACKPLANE CONNECTOR&CABLESYSTEMS Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice. Staggered Differential Pair Design Two Reliable Points of Contact at All Times Intermateable with all ExaMAX® Connectors Wafer Design Reduces Crosstalk (2.00 mm) .0787" PITCH F-221 (Rev 30SEP21) samtec.com/ExaMAX |
Numéro de pièce similaire - EBCM-1-4-06-1-R-H-1-R-A |
|
Description similaire - EBCM-1-4-06-1-R-H-1-R-A |