Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDI-25S-9-RZGXX Fiches technique(PDF) 23 Page - PowerDynamics, Inc

No de pièce PDI-25S-9-RZGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERDYNAMICS [PowerDynamics, Inc]
Site Internet  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-25S-9-RZGXX Fiches technique(HTML) 23 Page - PowerDynamics, Inc

Back Button PDI-25S-9-RZGXX Datasheet HTML 19Page - PowerDynamics, Inc PDI-25S-9-RZGXX Datasheet HTML 20Page - PowerDynamics, Inc PDI-25S-9-RZGXX Datasheet HTML 21Page - PowerDynamics, Inc PDI-25S-9-RZGXX Datasheet HTML 22Page - PowerDynamics, Inc PDI-25S-9-RZGXX Datasheet HTML 23Page - PowerDynamics, Inc PDI-25S-9-RZGXX Datasheet HTML 24Page - PowerDynamics, Inc PDI-25S-9-RZGXX Datasheet HTML 25Page - PowerDynamics, Inc PDI-25S-9-RZGXX Datasheet HTML 26Page - PowerDynamics, Inc PDI-25S-9-RZGXX Datasheet HTML 27Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
195
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
B
A
C
7.9 12.5
D
E
Ø
3.2
2 PLACES
6.0
7.1
F
A
24.60
NUMBER OF PINS
16.30
15
26
44
62
38.30
54.80
33.30
25.00
47.10
63.50
39.20
30.80
53.10
69.40
2.29
2.29
2.29
2.41
B
C
D
1.14
1.14
1.14
1.20
6.88
7.04
6.88
7.00
27.70
19.20
41.10
57.30
E
F
G
6.0
7.1
B
A
C
8.3 12.5
D
E
Ø
3.2
2 PLACES
F
A
25.25
NUMBER OF PINS
16.92
15
26
44
62
38.96
55.42
33.30
25.00
47.10
63.50
39.20
30.80
53.10
69.40
2.29
2.29
2.29
2.41
B
C
D
1.14
1.14
1.14
1.20
27.70
19.20
41.10
57.30
E
F
Specifications subject to change without notice. Dimensions in mm.
Custom molded cables also available. See page 290.
High Density Crimp Shell
PDI-26RHS-C-H
(shown)
PDI-26SHS-C-H
(shown)
See pages 196 and 197 for Crimp Pins
See pages 196 and 197 for Crimp Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42