Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC162064 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce AC162064
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162064 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button AC162064 Datasheet HTML 3Page - Microchip Technology AC162064 Datasheet HTML 4Page - Microchip Technology AC162064 Datasheet HTML 5Page - Microchip Technology AC162064 Datasheet HTML 6Page - Microchip Technology AC162064 Datasheet HTML 7Page - Microchip Technology AC162064 Datasheet HTML 8Page - Microchip Technology AC162064 Datasheet HTML 9Page - Microchip Technology AC162064 Datasheet HTML 10Page - Microchip Technology AC162064 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
 2006-2012 Microchip Technology Inc.
DS51292T-page 7
Required Debug Headers
INTRODUCTION
Some devices have no built-in debug circuitry. Therefore, special ICE/ICD versions of
these devices are required for debug tool operation.
Currently available debug headers and their associated ICE/ICD devices are shown
below, sorted by supported device.
TABLE 1:
REQUIRED DEBUG HEADERS BY DEVICE
Device
Pin
Count
Header Part
Number
ICE/ICD Device Used
VDD Max
PIC10F200/2/4/6
8/14
AC162059
PIC16F505-ICD
5.5V
PIC10F220/2
8/14
AC162070
PIC16F506-ICD
5.5V
PIC10F320/322
6/8
AC244045
PIC10F320-ICE
5.5V
PIC10LF320/322
6/8
AC244045
PIC10F320-ICE
3.6V
PIC12F508/509
8/14
AC162059
PIC16F505-ICD
5.5V
PIC12F510
8/14
AC162070
PIC16F506-ICD
5.5V
PIC12F519
8/14
AC162096
PIC16F526-ICD
5.5V
PIC12F609/HV609
28
AC162083
PIC16F616-ICD
5.5V
PIC12F615/HV615
28
AC162083
PIC16F616-ICD
5.5V
PIC12F617
28
AC162083
PIC16F616-ICD
5.5V
PIC12F629
8
AC162050
PIC12F675-ICD
5.5V
PIC12F635
14
AC162057
PIC16F636-ICD
5.5V
PIC12F675
8
AC162050
PIC12F675-ICD
5.5V
PIC12F683
8
AC162058
PIC12F683-ICD
5.5V
PIC16F505
8/14
AC162059
PIC16F505-ICD
5.5V
PIC16F506
8/14
AC162070
PIC16F506-ICD
5.5V
PIC16F526
8/14
AC162096
PIC16F526-ICD
5.5V
PIC16F610/HV610
14/16
AC162083
PIC16F616-ICD
5.5V
PIC16F616/HV616
14/16
AC162083
PIC16F616-ICD
5.5V
PIC16F627A/628A
18
AC162053
PIC16F648A-ICD
5.5V
PIC16F630
14
AC162052
PIC16F676-ICD
5.5V
PIC16F631
20
AC162061
PIC16F690-ICD
5.5V
PIC16F636
14
AC162057
PIC16F636-ICD
5.5V
PIC16F639(1)
20
AC162066
PIC16F636-ICD
5.5V
PIC16F648A
18
AC162053
PIC16F648A-ICD
5.5V
PIC16F676
14
AC162052
PIC16F676-ICD
5.5V
PIC16F677
20
AC162061
PIC16F690-ICD
5.5V
PIC16F684
14
AC162055
PIC16F684-ICD
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78