Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24F08KA101 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce PIC24F08KA101
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KA101 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button PIC24F08KA101 Datasheet HTML 8Page - Microchip Technology PIC24F08KA101 Datasheet HTML 9Page - Microchip Technology PIC24F08KA101 Datasheet HTML 10Page - Microchip Technology PIC24F08KA101 Datasheet HTML 11Page - Microchip Technology PIC24F08KA101 Datasheet HTML 12Page - Microchip Technology PIC24F08KA101 Datasheet HTML 13Page - Microchip Technology PIC24F08KA101 Datasheet HTML 14Page - Microchip Technology PIC24F08KA101 Datasheet HTML 15Page - Microchip Technology PIC24F08KA101 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
Required Debug Headers
DS51292T-page 12
 2006-2012 Microchip Technology Inc.
AC162053, AC162054
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify these debug headers, use the following
information.
Header Setup and Operation – AC162053
For this headers, there are no jumpers/switches. The device with the most program
memory is always selected.
If PIC16F627A or PIC16F628A devices are selected for development in MPLAB IDE,
the warning “Invalid target device ID” may be received in the build window and as a dia-
log. The reason is the PIC16F648A-ICD device supports PIC16F648A, PIC16F627A
and PIC16F628A, but only reports the device ID for the PIC16F648A.
Ignore this warning or disable it under the Warnings tab on the ICD Programming
dialog.
Header Setup and Operation – AC162054
This header supports one device (PIC16F716) so there are no jumpers or switches.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC162053
PIC16F648A-ICD
02-01695
AC162054
PIC16F716-ICD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78